PART |
Description |
Maker |
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
Z86C90 Z86C9012PSC Z86C9012VSC Z86C90PLCC Z86C90QF |
ROMLESS CMOS Z8 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 ROMLESS CMOS Z8 8-BIT MICROCONTROLLER 无ROM的CMOS Z8 8位微控制 ROMLESS CMOS Z8 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44
|
ZILOG[Zilog, Inc.]
|
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
ML671000 |
OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller From old datasheet system IC,MICROCONTROLLER,32-BIT,ARM7 CPU,CMOS,QFP,128PIN,PLASTIC
|
OKI electronic componets
|
SAB-C515-L24M SAF-C515-L24M SAB-C515-LM SAB-C515-1 |
8-Bit CMOS Microcontroller 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP80 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQFP80
|
Infineon Technologies AG SIEMENS AG
|
UPD703107AF1-XXX-EN4 UPD703107AGJA-XXX-UEN UPD7031 |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC 单片机| 32位|位V850的CPU |的CMOS | BGA封装| 161PIN |塑料 32-BIT, MROM, 50 MHz, MICROCONTROLLER, PBGA161
|
Panduit, Corp.
|
TS87C58X2-VIAD TS80C58X2YYY-VIAD TS80C58X2YYY-LIAD |
MICROCONTROLLER|8-BIT|8051 CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|44PIN|PLASTIC Low Capacitance ESD Protection; Unidirectional; SOD-923; Tape & Reel; 8k pcs per reel MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|44PIN|PLASTIC 单片机| 8位| 8051处理器|的CMOS | QFP封装| 44PIN |塑料
|
Atmel, Corp. Crydom, Inc.
|
SAB-C540U-EN SAB-C540U-EP SAB-C541U-1EP Q67126-C20 |
8-Bit CMOS Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDIP52
|
SIEMENS AG
|
UPD17227GT-XXX UPD17228GT-XXX UPD17225GT-XXX UPD17 |
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER Microcontroller 微控制器 MICROCONTROLLER|4-BIT|UPD17K CPU|CMOS|SOP|28PIN|PLASTIC
|
NEC
|